PART |
Description |
Maker |
ISL12008IB8Z-T ISL12008 ISL12008IB8Z |
I-2C Real Time Clock with Battery Backup Low Power RTC with Battery ReSealFunction I2C Real Time Clock with Battery Backup Low Power RTC with Battery ReSeal™ Function; Temperature Range: -40°C to 85°C; Package: 8-SOIC
|
Intersil Corporation
|
ISL1209 ISL1209IU10 ISL1209IU10-TK ISL1209IU10Z IS |
Low Power RTC with Battery Backed SRAM and Event Detection
|
Intersil Corporation
|
ISL12023 ISL12023IVZ |
Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation 卤5ppm with Auto Daylight Saving Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation ±5ppm with Auto Daylight Saving
|
Intersil Corporation
|
ISL12022MA ISL12022MAIBZ ISL12022MAIBZ-T ISL12022M |
Low Power RTC with Battery Backed SRAM, Integrated 卤5ppm Temperature Compensation and Auto Daylight Saving Low Power RTC with Battery Backed SRAM, Integrated ±5ppm Temperature Compensation and Auto Daylight Saving
|
Intersil Corporation
|
ISL12032 |
Low Power RTC with Battery Backed SRAM and 50/60 Cycle AC Input and Xtal Back-up
|
Intersil
|
ISL12020MIRZ ISL12020MIRZ-T ISL12020M |
Low Power RTC with Battery Backed SRAM, Integrated 卤5ppm Temperature Compensation and Auto Daylight Saving Low Power RTC with Battery Backed SRAM, Integrated ±5ppm Temperature Compensation and Auto Daylight Saving Real Time Clock with Embedded Crystal, ±5ppm Accuracy; Temperature Range: -40°C to 85°C; Package: 20-DFN REAL TIME CLOCK, PDSO20 Real Time Clock with Embedded Crystal, ±5ppm Accuracy; Temperature Range: -40°C to 85°C; Package: 20-DFN T&R
|
Intersil Corporation Intersil, Corp.
|
ISL1219IUZ-T |
Real Time Clock/Calendar with Event Detection 0 TIMER(S), REAL TIME CLOCK, PDSO10 Low Power RTC with Battery Backed SRAM and Event Detection
|
Intersil, Corp. Intersil Corporation
|
UEP-5/3500-D48 UEP-5/3500-D24 UEP-15/1200-D24 UEP- |
3.3V, 32 Mbit (1024 KBit x 32) TIMEKEEPER® SRAM Multi-channel clock distribution circuit Serial real-time clock with 44 bytes NVRAM and reset Serial I2C bus RTC with battery switchover 3.3V, 32 Mbit (1024 KBit x 32) TIMEKEEPER® SRAM 模拟IC Serial SPI bus RTC with battery switchover 模拟IC
|
Murata Power Solutions, Inc.
|
ASM1233MS-55 ASM1233MS-5 ASM1233MS-3 ASM1233DZ-5 A |
Low Power CPU Supervisors Lithium Battery; Voltage Rating:3V; Battery Capacity:265mAh; Battery Terminals:Pressure Contact RoHS Compliant: NA Low Power, 5V/3.3V, uP Reset, Active LOW, Open-Drain Output 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 Steel Ruler; Graduations:1/8; 1/16; 1/32; 1/64; Overall Length:12"; Width:1"; Length:12" 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 Low Power, 5V/3.3V, uP Reset, Active LOW, Open-Drain Output 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8 Low Power, 5V/3.3V, uP Reset, Active LOW, Open-Drain Output 1-CHANNEL POWER SUPPLY SUPPORT CKT, PBCY3
|
Alliance Semiconductor ... ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp.
|
M41T9307 |
Serial SPI bus RTC with battery switchover
|
STMicroelectronics
|